Part Number Hot Search : 
001AC 05E21 IXD611S7 M304206 P1000 SNC26200 USD4040S D13001
Product Description
Full Text Search
 

To Download ZUY88W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZUY88W
www.SunLED.com
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Features
3.2mmx1.0mm RIGHT ANGLE SMT LED, 1.5mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg
UY (GaAsP/GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
UY (GaAsP/GaP) 2.1 2.5 10
Unit V V uA
P
590
nm
D
588
nm
35
nm
C
20
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 6
Wavelength nm P
Viewing Angle 2 1/2
ZUY88W
Yellow
GaAsP/GaP
Water Clear
2.6
590
120
Published Date : FEB 26, 2008
Drawing No : SDSA4496
V3
Checked : B.L.LIU
P.1/4
Part Number:
ZUY88W
www.SunLED.com
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
UY
Published Date : FEB 26, 2008
Drawing No : SDSA4496
V3
Checked : B.L.LIU
P.2/4
Part Number:
ZUY88W
www.SunLED.com
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 26, 2008 Drawing No : SDSA4496 V3 Checked : B.L.LIU P.3/4
Part Number:
ZUY88W
www.SunLED.com
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZUY88W
Published Date : FEB 26, 2008
Drawing No : SDSA4496
V3
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZUY88W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X